Part Number Hot Search : 
BOE100 AT1452BP 31ACD 2375AD LH2108A MB13CA AS19H UP03396
Product Description
Full Text Search
 

To Download SB120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB120-SB1100
SB120 - SB1100
Features * *
1.0 ampere operation at TA = 75C with no thermal runaway. For use in low voltage, high frequency inverters free wheeling, and polarity protection applications.
DO-41
COLOR BAND DENOTES CATHODE
Schottky Rectifiers
Absolute Maximum Ratings*
Symbol
VRRM IF(AV) IFSM Tstg TJ
TA = 25C unless otherwise noted
Parameter
120 Maximum Repetitive Reverse Voltage Average Rectified Forward Current .375 " lead length @ TA = 75C Non-repetitive Peak Forward Surge Current 8.3 ms Single Half-Sine-Wave Storage Temperature Range Operating Junction Temperature 20 130 30 140 40
Value
150 50 1.0 30 -65 to +125 -65 to +125 160 60 180 80 1100 100
Units
V A A C C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
Symbol
PD RJA
Parameter
Power Dissipation Thermal Resistance, Junction to Ambient
Value
1.25 80
Units
W C/W
Electrical Characteristics
Symbol
VF IR Irr CT
TA = 25C unless otherwise noted
Parameter
120 130 Forward Voltage @ 1.0 A TA = 25C TA = 100C Maximum Full Load Reverse Current, Full Cycle TA = 75C Total Capacitance VR = 4.0 V, f = 1.0 MHz Reverse Current @ rated VR 500 140
Device
150 0.5 10 30 110 160 180 1100 850 700
Units
mV mA mA mA pF
2001 Fairchild Semiconductor Corporation
SB120-SB1100, Rev. C
SB120-SB1100
Schottky Rectifier
(continued)
Typical Characteristics
Average Rectified Forward Current, IF [A]
1
20 10
SB120
0.75
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD .375" 9.5mm LEAD LENGTHS
Forward Current, IF [A]
SB1100
0.5
1
SB150-SB160
0.25
0
T J = 25C Pulse Width = 300S 1% Duty Cycle
0
20
40 60 80 100 Lead Temperature [C]
120
140
0.1 0.2
0.4
0.6 0.8 1 1.2 1.4 1.6 Forward Voltage, VF [V]
1.8
2
Figure 1. Forward Current Derating Curve
Figure 2. Forward Voltage Characteristics
Peak Forward Surge Current, IFSM [A]
30 Total Capacitance, C T [pF]
400 200
T J = 25C
24
18
100 80 60 40 20 10 0.1
12
6
0
1
2
4 6 8 10 20 40 60 Number of Cycles at 60Hz
100
0.5 1 5 10 Reverse Voltage, VR [V]
40 60 100
Figure 3. Non-Repetitive Surge Current
Figure 4. Total Capacitance
2001 Fairchild Semiconductor Corporation
SB120-SB1100, Rev. C
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of SB120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X